PART |
Description |
Maker |
B0110A7575P00 B0810A7575P00 B0922A7575P00 B0826A75 |
Ultra Small Low Profile 0603 Balun 50ヘ to 200ヘ Balanced Ultra Small Low Profile 0603 Balun 50楼? to 200楼? Balanced Ultra Small Low Profile 0603 Balun 50惟 to 200惟 Balanced Ultra Small Low Profile 0603 Balun 50Ω to 200Ω Balanced
|
Anaren Microwave http://
|
TCH TCH-18-12 TCH-18-15 TCH-18-18 TCH-4-12 TCH-4-1 |
TCH 50/60 Hz Low Profile UL Aproved Transformers 2W-14W 50/60 Hz Low Profile UL Approved Transformers 2W-14W
|
PREMO CORPORATION S.L
|
HLMP-3451-D0000 HLMP-3568 HLMP-3351-D0000 |
T-1 3 /4 (5 mm) Low Profile LED Lamps(T-1 3 /4 (5 mm) 低剖面LED照明 的T 1 3 / 4毫米)超薄LED灯具(的T 1 3 / 4毫米)低剖面的LED照明灯) T-1 3 /4 (5 mm) Low Profile LED Lamps(T-1 3 /4 (5 mm) 浣???⑻ED?ф???
|
EPCOS AG
|
MKP1839 |
C-values 1000 pF - 10 μF, Voltage 160 - 630 VDC, Tolerances to 1%, Low losses, Low dielectric absorption, Low profile, AXIAL
|
Vishay
|
H3AA05V FTR-H3 H3AA005V H3AA009V H3AA012V FTR-H3AA |
SILENT POWER RELAY 1 POLE0 A LOW PROFILE TYPE FTR-H3 SERIES POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.106A (COIL), 5VDC (COIL), 530mW (COIL), 10A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT SILENT POWER RELAY 1 POLE0 A LOW PROFILE TYPE FTR-H3 SERIES 静音电源继电器一极?0阿薄型介绍,FTR - H3系列 SILENT POWER RELAY 1 POLE?0 A LOW PROFILE TYPE FTR-H3 SERIES
|
Fujitsu Limited Fujitsu, Ltd. FUJITSU LTD
|
HSMS-C191 HSMH-C191 HSMD-C191 HSMG-C191 |
Agilent HSMG-C191 Low Profile ChipLED 安捷伦HSMG - C191超薄型ChipLED HSMG-C191 · Agilent HSMG-C191 Low Profile ChipLED HSMD-C191 · Agilent HSMD-C191 Low Profile ChipLED HSMH-C191 · Agilent HSMH-C191 Low Profile ChipLED HSMS-C191 · Agilent HSMS-C191 Low Profile ChipLED
|
Avago Technologies, Ltd. 发光二极 Agilent (Hewlett-Packard)
|
BD1722J50150A00 |
1700 MHz - 2200 MHz RF TRANSFORMER Ultra Low Profile 0805 Balun 50Ω to 150Ω Balanced Ultra Low Profile 0805 Balun 50ヘ to 150ヘ Balanced
|
ANAREN INC Anaren Microwave
|
BD0810J50100A00 |
Ultra Low Profile 0805 Balun 50Ω to 100Ω Balanced Ultra Low Profile 0805 Balun 50ヘ to 100ヘ Balanced
|
Anaren Microwave
|
BD2425N5075A00 |
Ultra Low Profile 0404 Balun 50Ω to 75Ω Balanced Ultra Low Profile 0404 Balun 50ヘ to 75ヘ Balanced
|
Anaren Microwave
|
DMP4047LFDE-13 DMP4047LFDE-7 |
0.6mm profile ?ideal for low profile applications 0.6mm profile ?ideal for low profile applications
|
Diodes Incorporated
|
591D156X016B215H 591D156X016D215H 591D156X020C215H |
Solid Tantalum Chip Capacitors TANTAMOUNT垄莽, Low Profile, Low ESR, Conformal Coated, Maximum CV Solid Tantalum Chip Capacitors TANTAMOUNT庐, Low Profile, Low ESR, Conformal Coated, Maximum CV Solid Tantalum Chip Capacitors TANTAMOUNT?, Low Profile, Low ESR, Conformal Coated, Maximum CV
|
Vishay Siliconix
|
0895020 0895040 0895060 0895050 0895030 0895025 |
Low Profile JCASE? Fuses Rated 58V Low Profile JCASE㈢ Fuses Rated 58V
|
Littelfuse
|